Electronic Components Datasheet Search
  English  ▼

X  

1N648 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N648
Description  Silicon Switching Diode DO-35 Glass Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N648 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N648 Datasheet HTML 1Page - Microsemi Corporation 1N648 Datasheet HTML 2Page - Microsemi Corporation 1N648 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Rectifier Diodes
DO-35 Glass Package
6 Lake Street - Lawrence, MA 01841
Tel: 978-681-0392 - Fax: 978-681-9135
Absolute Maximum Ratings
Symbol
Value
Unit
Power Dissipation at 3/8" from the body, T
L= 75
oC
P
tot
600
mWatts
Average Forward Rectified Current at T
L
= 75 oC
I
AV
400
mAmps
Operating and Storage Temperature Range
T
O&S
-65 to 175
oC
Thermal Impedance
Z
q
JX
35
oC/W
Detail Specifications
Features
Six Sigma quality
Humidity proof glass
Metallurgically bonded
Thermally matched system
No thermal fatigue
High surge capability
Sigma Bond™ plated contacts
100% guaranteed solderability
(DO-213AA) SMD MELF commercial (LL) and MIL (UR-1) types available
Use Advantages
Used as a general purpose rectifier in power supplies, or for clipping and
steering applications.
High performance alternative to small signal diodes where space does not
permit use of power rectifiers.
May be used in hostile environments where hermeticity and reliability are
important i.e. (Military and Aero/Space). MIL-S- 19500/ 240 approvals.
Available up to JANTXV-1 level.
"S" level screening capability to Source Control Drawings.
Breakdown
Maximum
Forward
Maximum
Maximum
Typical
Reverse
Voltage
Average Rectified Current
Voltage
Reverse Leakage Current
Surge
Junction
Voltage
(MIN.)
_______________
Drop
_______________
Current Capacitance
@ 100µA
(I
O)(IO)(VF) @ IF = 400mA
(I
R) @ VR
(I
FSM)
@ -12V
(V
R)(BV)
25° C
150° C (MIN.)
(MAX.)
25° C
100° C
(NOTE 1)
(C
O)
Type
Volts
Volts
Amps
Amps
Volts
µA
µA
Amps
pF
1N645,-1
225
275
0.4
0.15
1.0
0.2
15
3
9
1N646,-1
300
360
0.4
0.15
1.0
0.2
15
3
9
1N647,-1
400
480
0.4
0.15
1.0
0.2
20
3
9
1N648,-1
500
600
0.4
0.15
1.0
0.2
20
3
9
1N649,-1
600
720
0.4
0.15
1.0
0.2
25
3
9
Note 1: Surge Current @T
A = +25° C to +150° C, for 1 Second
For MELF DO-213AA surface mount package, replace "1N" prefix with "LL" for commercial.
1N645 to 649
or
1N645-1 to 649-1
D O -35 G lass P a ck a g e
Dia.
0.06 -0 .09"
1.0"
25.4 m m
(M in .)
Len g th
0.12 0-.200 "
3.05 -5 .08-
mm
1.53-2.28 mm
0.018-0.022"
0.458-0.558 mm
Lead Dia.


Similar Part No. - 1N648

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N648 MICROSEMI-1N648 Datasheet
177Kb / 3P
Silicon Rectifier Diodes
logo
List of Unclassifed Man...
1N648 ETC1-1N648 Datasheet
266Kb / 6P
silicon diode
logo
New Jersey Semi-Conduct...
1N648 NJSEMI-1N648 Datasheet
82Kb / 1P
Si Rectifier
logo
Digitron Semiconductors
1N648 DIGITRON-1N648 Datasheet
94Kb / 1P
SILICON RECTFIER DIODES
logo
Microsemi Corporation
1N648-1 MICROSEMI-1N648-1 Datasheet
177Kb / 3P
Silicon Rectifier Diodes
More results

Similar Description - 1N648

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4150 MICROSEMI-1N4150 Datasheet
72Kb / 1P
Silicon Switching Diode DO-35 Glass Package
1N41501N457A MICROSEMI-1N41501N457A Datasheet
71Kb / 1P
Silicon Switching Diode DO-35 Glass Package
1N4153 MICROSEMI-1N4153 Datasheet
64Kb / 1P
Silicon Switching Diode DO-35 Glass Package
1N4607 MICROSEMI-1N4607 Datasheet
235Kb / 4P
Silicon Switching Diode DO-35 Glass Package
1N914 MICROSEMI-1N914 Datasheet
63Kb / 1P
Silicon Switching Diode DO-35 Glass Package
logo
Vicor Corporation
02550 VICOR-02550 Datasheet
43Kb / 1P
SWITCHING DIODE, DO-35
logo
Microsemi Corporation
1N4150 MICROSEMI-1N4150 Datasheet
78Kb / 1P
Silicon Switching Diode DO-35 Glass Package
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
500mW DO-35 Hermetically glass sealed switching diode
logo
Microsemi Corporation
1N4454 MICROSEMI-1N4454 Datasheet
386Kb / 2P
Silicon Switching Diode DO-35 Glass Package
logo
Continental Device Indi...
DO-35 CDIL-DO-35 Datasheet
225Kb / 3P
DO-35 Hermetically Sealed Glass Axial Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com