Electronic Components Datasheet Search
  English  ▼

X  

PE4052 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4052
Description  SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4052 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4052 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4052 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4052 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMB Plug Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188
SMB Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMB Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.622 [15.8]
Width/Dia., in [mm]
0.256 [7]
Height, in [mm]
0.528 [13.41]
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMB Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smb-plug-standard-rg174-rg316-rg188-connector-pe4052-p.aspx
SMB Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMB Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4052
PE4052
PE4052 REV


Similar Part No. - PE4052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4052 PASTERNACK-PE4052 Datasheet
380Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4052 PASTERNACK-PE4052_17 Datasheet
380Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44308 PASTERNACK-PE44308 Datasheet
300Kb / 2P
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4096 PASTERNACK-PE4096 Datasheet
291Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4097 PASTERNACK-PE4097 Datasheet
271Kb / 3P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4898 PASTERNACK-PE4898 Datasheet
281Kb / 3P
MMCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4200 PASTERNACK-PE4200 Datasheet
310Kb / 2P
SMB Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com