Electronic Components Datasheet Search
  English  ▼

X  

PE4158 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4158
Description  75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4158 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4158 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4158 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4158 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Plug Connector Crimp/Solder
Attachment For RG180, RG195
75 Ohm SMC Plug Connector Crimp/Solder Attachment For RG180, RG195
Configuration
Connector
SMC Plug
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 2
Impedance, Ohms
75
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.87 [22.1]
Width/Dia., in [mm]
0.375 [10]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Plug
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
3/8
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Plug Connector Crimp/Solder Attachment For RG180, RG195 PE4158
PE4158
PE4158 REV


Similar Part No. - PE4158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4158 PASTERNACK-PE4158 Datasheet
320Kb / 3P
75 Ohm SMC Plug Connector Crimp/Solder Attachment
PE4158 PASTERNACK-PE4158_16 Datasheet
320Kb / 3P
75 Ohm SMC Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE4158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE4164 PASTERNACK-PE4164 Datasheet
257Kb / 2P
75 Ohm SMC Jack Connector Crimp/Solder Attachment For RG180, RG195
PE44444 PASTERNACK-PE44444 Datasheet
836Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/ Solder Attachment For RG180, RG195
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE4166 PASTERNACK-PE4166 Datasheet
208Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG180, RG195, .177 inch D Hole
PE44446 PASTERNACK-PE44446 Datasheet
204Kb / 2P
75 Ohm SMB Positive Snap Plug Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4275 PASTERNACK-PE4275 Datasheet
209Kb / 2P
75 Ohm SMC Jack Connector Clamp-Solder Attachment For RG180, RG195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com