Electronic Components Datasheet Search
  English  ▼

X  

PE4176 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4176
Description  75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4176 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4176 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4176 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
Configuration
Connector
SMC Jack
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.449 [11.4]
Width/Dia., in [mm]
0.374 [10]
Height, in [mm]
0.374 [9.5]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMC Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-jack-standard-thru-hole-pcb-connector-pe4176-p.aspx
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4176
PE4176 REV


Similar Part No. - PE4176

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4176 PASTERNACK-PE4176 Datasheet
350Kb / 3P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE4176 PASTERNACK-PE4176_16 Datasheet
350Kb / 3P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4176

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4180 PASTERNACK-PE4180 Datasheet
212Kb / 2P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE45147 PASTERNACK-PE45147 Datasheet
350Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
PE4176 PASTERNACK-PE4176_16 Datasheet
350Kb / 3P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE4178 PASTERNACK-PE4178_16 Datasheet
353Kb / 4P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4179 PASTERNACK-PE4179_16 Datasheet
348Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4180 PASTERNACK-PE4180_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4254 PASTERNACK-PE4254_16 Datasheet
316Kb / 3P
75 Ohm SMC Jack Connector Crimp/Solder Attachment
PE4256 PASTERNACK-PE4256 Datasheet
325Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com