Electronic Components Datasheet Search
  English  ▼

X  

PE4200 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4200
Description  SMB Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4200 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4200 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4200 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Plug Connector Clamp/Solder Attachment
For RG174, RG316, RG188
SMB Plug Connector Clamp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMB Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.46:1
Maximum Operating Voltage, Volts
375
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.63 [16]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMB Plug
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smb-plug-standard-rg174-rg316-rg188-connector-pe4200-p.aspx
SMB Plug Connector Clamp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4200
PE4200 REV


Similar Part No. - PE4200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4200 PASTERNACK-PE4200 Datasheet
403Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
PE4200 PASTERNACK-PE4200_16 Datasheet
403Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
More results

Similar Description - PE4200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4270 PASTERNACK-PE4270 Datasheet
838Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4260 PASTERNACK-PE4260 Datasheet
830Kb / 2P
SMB PLUG RIGHT ANGLE CONNECTOR CLAMP/SOLDER ATTANCHMENT FOR RG174 RG316 RG188
PE4096 PASTERNACK-PE4096 Datasheet
291Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4498 PASTERNACK-PE4498 Datasheet
535Kb / 2P
SHV Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com