Electronic Components Datasheet Search
  English  ▼

X  

PE4269 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4269
Description  SMB Jack Connector Clamp - Solder Attachment For RG178, RG196
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4269 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4269 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4269 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4269 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMB Jack Connector Clamp/Solder
Attachment For RG178, RG196
SMB Jack Connector Clamp/Solder Attachment For RG178, RG196
Configuration
Connector
SMB Jack
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.46:1
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.65 [16.51]
Width/Dia., in [mm]
0.22 [6]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMB Jack
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-PRF-39013
Body Material and Plating
Brass, Nickel
Body Plating Specification
MIL-PRF-39013
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Connector Clamp/Solder Attachment For RG178, RG196 PE4269
PE4269
PE4269 REV


Similar Part No. - PE4269

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4269 PASTERNACK-PE4269 Datasheet
338Kb / 4P
SMB Jack Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42693DBI PEREGRINE-PE42693DBI Datasheet
99Kb / 4P
SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42693DTI PEREGRINE-PE42693DTI Datasheet
99Kb / 4P
SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
logo
Pasternack Enterprises,...
PE4269 PASTERNACK-PE4269_16 Datasheet
338Kb / 4P
SMB Jack Connector Clamp/Solder Attachment
More results

Similar Description - PE4269

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4271 PASTERNACK-PE4271 Datasheet
153Kb / 1P
SMA JACK CLAMP ATTACHMENT FOR RG178 & RG196
PE4277 PASTERNACK-PE4277 Datasheet
849Kb / 2P
SMB Jack Bulkhead Connector Clamp Solder Attachment For RG178, RG196
PE4250 PASTERNACK-PE4250 Datasheet
306Kb / 2P
SMB Plug Connector Clamp/Solder Attachment For RG178, RG196
PE4202 PASTERNACK-PE4202 Datasheet
260Kb / 1P
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178,RG196
PE4926 PASTERNACK-PE4926 Datasheet
300Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4080 PASTERNACK-PE4080 Datasheet
305Kb / 2P
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4364 PASTERNACK-PE4364 Datasheet
265Kb / 2P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE44354 PASTERNACK-PE44354 Datasheet
221Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com