Electronic Components Datasheet Search
  English  ▼

X  

PE4359 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4359
Description  SMC Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4359 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4359 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4359 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4359 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Plug Right Angle Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
SMC Plug
Connector Specification
MIL-C-39012
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.556 [14.12]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.45 [11.43]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMC Plug
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Gold
Coupling Nut Plating Specification
MIL-G-45204
Hex Size, in.
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Right Angle Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE4359
PE4359
PE4359 REV
SMC Plug Right Angle Connector Clamp/Solder
Attachment For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE4359

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4350 PASTERNACK-PE4350 Datasheet
244Kb / 2P
MHV Male Connector Crimp - Solder Attachment For RG214, RG9
PE4350 PASTERNACK-PE4350 Datasheet
354Kb / 3P
MHV Male Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE43501 PEREGRINE-PE43501 Datasheet
383Kb / 13P
RF Digital Attenuator 5-bit, 7.75dB, DC-6.0 GHz
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
50 廓 RF Digital Attenuator
More results

Similar Description - PE4359

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4356 PASTERNACK-PE4356 Datasheet
99Kb / 1P
SMB PLUG SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4360 PASTERNACK-PE4360 Datasheet
120Kb / 1P
SMB JACK SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL &PE-SR405FL
PE4361 PASTERNACK-PE4361 Datasheet
298Kb / 2P
SMC JACK CONNECTOR CLAMP/SOLDER ATTACHMENT FOR PE-SR405AL, PE-SR405FL,RG405
PE4877 PASTERNACK-PE4877 Datasheet
221Kb / 3P
MCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4900 PASTERNACK-PE4900 Datasheet
216Kb / 2P
MMCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44453 PASTERNACK-PE44453 Datasheet
211Kb / 2P
MMCX Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4357 PASTERNACK-PE4357 Datasheet
208Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4358 PASTERNACK-PE4358 Datasheet
206Kb / 2P
SMB Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44977 PASTERNACK-PE44977 Datasheet
222Kb / 3P
SMC Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44345 PASTERNACK-PE44345 Datasheet
588Kb / 3P
2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com