Electronic Components Datasheet Search
  English  ▼

X  

PE4523 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4523
Description  SMB Plug Connector Crimp - Solder Attachment For RG58
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4523 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4523 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4523 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4523 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMB Plug Connector Crimp/Solder Attachment For RG58
Configuration
Connector
SMB Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
335
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.05 [26.67]
Width/Dia., in [mm]
0.256 [6.50]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Connector Crimp/Solder Attachment For RG58 PE4523
PE4523
PE4523 REV 1.1
SMB Plug Connector Crimp/Solder Attachment For RG58


Similar Part No. - PE4523

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4523 PASTERNACK-PE4523 Datasheet
354Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE45230 PASTERNACK-PE45230 Datasheet
344Kb / 3P
75 Ohm 1.0/2.3 Jack Right Angle Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45231 PASTERNACK-PE45231 Datasheet
343Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45232 PASTERNACK-PE45232 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB
PE45233 PASTERNACK-PE45233 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for RG179-DS
More results

Similar Description - PE4523

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4194 PASTERNACK-PE4194 Datasheet
259Kb / 2P
SHV Plug Connector Crimp/Solder Attachment For RG58
PE4301 PASTERNACK-PE4301 Datasheet
247Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG58
PE4558 PASTERNACK-PE4558 Datasheet
200Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG58
PE44094 PASTERNACK-PE44094 Datasheet
85Kb / 1P
SMB JACK BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE44295 PASTERNACK-PE44295 Datasheet
458Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG58
PE4046 PASTERNACK-PE4046_16 Datasheet
358Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE4080 PASTERNACK-PE4080_16 Datasheet
397Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE4523 PASTERNACK-PE4523_16 Datasheet
354Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com