Electronic Components Datasheet Search
  English  ▼

X  

PE4859 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4859
Description  RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4859 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4859 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4859 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4859 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D
Hole
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.905 [22.99]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188,
.235 inch D Hole PE4859
PE4859
PE4859 REV 1.1
RP SMA Female Bulkhead Connector Crimp/Solder
Attachment For RG174, RG316, RG188, .235 inch D Hole


Similar Part No. - PE4859

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE4851 PASTERNACK-PE4851 Datasheet
101Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4853 PASTERNACK-PE4853 Datasheet
209Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4854 PASTERNACK-PE4854 Datasheet
229Kb / 3P
RP SMA Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141,RG142, RG223, RG400, .235 inch D Hole
More results

Similar Description - PE4859

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44196 PASTERNACK-PE44196 Datasheet
261Kb / 3P
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4752 PASTERNACK-PE4752 Datasheet
290Kb / 3P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4858 PASTERNACK-PE4858 Datasheet
272Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4797 PASTERNACK-PE4797 Datasheet
220Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4187 PASTERNACK-PE4187 Datasheet
211Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4422 PASTERNACK-PE4422 Datasheet
219Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE4032 PASTERNACK-PE4032 Datasheet
282Kb / 2P
SMA Female Bulkhead Connector Clamp-Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com