Electronic Components Datasheet Search
  English  ▼

X  

PE4868 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4868
Description  RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .150 inch Max Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4868 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4868 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4868 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole,
.150 inch Max Panel
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.685 [17.4]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .150 inch Max Panel from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole,
.150 inch Max Panel PE4868
URL: http://www.pasternack.com/sma-female-reverse-polarity-solder-cup-terminal-connector-pe4868-p.aspx
PE4868
PE4868 REV 01
RP SMA Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .235 inch D Hole, .150 inch Max Panel


Similar Part No. - PE4868

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4860 PASTERNACK-PE4860 Datasheet
93Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4862 PASTERNACK-PE4862 Datasheet
276Kb / 3P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4863 PASTERNACK-PE4863 Datasheet
105Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 RG196
PE4864 PASTERNACK-PE4864 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
More results

Similar Description - PE4868

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4219 PASTERNACK-PE4219 Datasheet
235Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
PE4529 PASTERNACK-PE4529 Datasheet
299Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .093 inch Max Panel
PE4354 PASTERNACK-PE4354 Datasheet
260Kb / 3P
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4704 PASTERNACK-PE4704 Datasheet
254Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4300 PASTERNACK-PE4300 Datasheet
221Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4101 PASTERNACK-PE4101 Datasheet
253Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Rear Mount
PE4757 PASTERNACK-PE4757 Datasheet
203Kb / 2P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4871 PASTERNACK-PE4871 Datasheet
210Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .125 inch Max Panel
PE4219 PASTERNACK-PE4219_16 Datasheet
345Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com