Electronic Components Datasheet Search
  English  ▼

X  

PE4869 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4869
Description  RP SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4869 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4869 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4869 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4869 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Solder Attachment Thru
Hole PCB, .200 inch x .067 inch Hole Spacing
RP SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 12
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.25 [6]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing PE4869
PE4869
PE4869 REV


Similar Part No. - PE4869

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4860 PASTERNACK-PE4860 Datasheet
93Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4862 PASTERNACK-PE4862 Datasheet
276Kb / 3P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4863 PASTERNACK-PE4863 Datasheet
105Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 RG196
PE4864 PASTERNACK-PE4864 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
More results

Similar Description - PE4869

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44198 PASTERNACK-PE44198 Datasheet
251Kb / 3P
RT SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4873 PASTERNACK-PE4873 Datasheet
237Kb / 2P
RP SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44375 PASTERNACK-PE44375 Datasheet
203Kb / 2P
RP MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118 Datasheet
255Kb / 2P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44342 PASTERNACK-PE44342 Datasheet
343Kb / 3P
SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4525 PASTERNACK-PE4525 Datasheet
219Kb / 3P
SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44827 PASTERNACK-PE44827 Datasheet
242Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4870 PASTERNACK-PE4870 Datasheet
220Kb / 3P
RP SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117_16 Datasheet
342Kb / 3P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com