Electronic Components Datasheet Search
  English  ▼

X  

PE4870 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4870
Description  RP SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4870 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4870 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4870 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4870 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing
Configuration
Connector
SMA Female Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.58 [14.73]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.53 [13.46]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: RP SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x
.067 inch Hole Spacing PE4870
PE4870
PE4870 REV 01
RP SMA Female Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .067 inch Hole Spacing


Similar Part No. - PE4870

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4871 PASTERNACK-PE4871 Datasheet
210Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .125 inch Max Panel
PE4872 PASTERNACK-PE4872 Datasheet
241Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PE4873 PASTERNACK-PE4873 Datasheet
237Kb / 2P
RP SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE4875 PASTERNACK-PE4875 Datasheet
367Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
More results

Similar Description - PE4870

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4873 PASTERNACK-PE4873 Datasheet
237Kb / 2P
RP SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118 Datasheet
255Kb / 2P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44199 PASTERNACK-PE44199 Datasheet
220Kb / 3P
RT SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4526 PASTERNACK-PE4526 Datasheet
212Kb / 3P
SMA Male Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44644 PASTERNACK-PE44644 Datasheet
244Kb / 2P
SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44827 PASTERNACK-PE44827 Datasheet
242Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4869 PASTERNACK-PE4869 Datasheet
221Kb / 3P
RP SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117_16 Datasheet
342Kb / 3P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118_16 Datasheet
348Kb / 3P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com