Electronic Components Datasheet Search
  English  ▼

X  

PE4871 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4871
Description  RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .125 inch Max Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4871 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4871 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4871 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole,
.125 inch Max Panel
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.685 [17.4]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .125 inch Max Panel from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole,
.125 inch Max Panel PE4871
URL: http://www.pasternack.com/sma-female-reverse-polarity-solder-cup-terminal-connector-pe4871-p.aspx
PE4871
PE4871 REV 01
RP SMA Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .235 inch D Hole, .125 inch Max Panel


Similar Part No. - PE4871

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4870 PASTERNACK-PE4870 Datasheet
220Kb / 3P
RP SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4872 PASTERNACK-PE4872 Datasheet
241Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PE4873 PASTERNACK-PE4873 Datasheet
237Kb / 2P
RP SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE4875 PASTERNACK-PE4875 Datasheet
367Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
More results

Similar Description - PE4871

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4219 PASTERNACK-PE4219 Datasheet
235Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
PE4529 PASTERNACK-PE4529 Datasheet
299Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .093 inch Max Panel
PE4354 PASTERNACK-PE4354 Datasheet
260Kb / 3P
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4704 PASTERNACK-PE4704 Datasheet
254Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4300 PASTERNACK-PE4300 Datasheet
221Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4101 PASTERNACK-PE4101 Datasheet
253Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Rear Mount
PE4757 PASTERNACK-PE4757 Datasheet
203Kb / 2P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4868 PASTERNACK-PE4868 Datasheet
208Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .150 inch Max Panel
PE4219 PASTERNACK-PE4219_16 Datasheet
345Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com