Electronic Components Datasheet Search
  English  ▼

X  

PE4920 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4920
Description  SMA Male Right Angle Connector Solder Attachment For PE-020SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4920 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4920 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4920 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4920 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Solder Attachment For PE-020SR
Configuration
Connector
SMA Male
Connector Specification
MIL-C-39012
Connector Interface Type
PE-020SR
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.615 [15.62]
Width/Dia., in [mm]
0.438 [11.13]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Solder Attachment For PE-020SR PE4920
PE4920
PE4920 REV 01
SMA Male Right Angle Connector Solder
Attachment For PE-020SR


Similar Part No. - PE4920

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4921 PASTERNACK-PE4921 Datasheet
216Kb / 2P
SMA Female Connector Solder Attachment For PE-034SR
PE4922 PASTERNACK-PE4922 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-020SR
PE4923 PASTERNACK-PE4923 Datasheet
220Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-034SR, .235 inch D Hole
PE4924 PASTERNACK-PE4924 Datasheet
270Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-020SR, .235 inch D Hole
PE4925 PASTERNACK-PE4925 Datasheet
262Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .285 inch D Hole
More results

Similar Description - PE4920

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34211 PASTERNACK-PE34211 Datasheet
272Kb / 1P
CABLE ASSEMBLY PE-020SR SMA MALE RIGHT ANGLE TO SMA MALE RIGHT ANGLE
PE4791 PASTERNACK-PE4791 Datasheet
258Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4025 PASTERNACK-PE4025 Datasheet
501Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4790 PASTERNACK-PE4790 Datasheet
227Kb / 3P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4918 PASTERNACK-PE4918 Datasheet
217Kb / 2P
SMA Male Connector Solder Attachment For PE-020SR
PE4919 PASTERNACK-PE4919 Datasheet
213Kb / 2P
SMA Male Right Angle Connector Solder Attachment For PE-034SR
PE4922 PASTERNACK-PE4922 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-020SR
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com