Electronic Components Datasheet Search
  English  ▼

X  

PE4921 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4921
Description  SMA Female Connector Solder Attachment For PE-034SR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4921 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4921 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4921 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment For PE-034SR
SMA Female Connector Solder Attachment For PE-034SR
Configuration
Connector
SMA Female
Connector Interface Type
PE-034SR
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.458 [11.63]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Connector Solder Attachment For PE-034SR from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment For PE-034SR PE4921
URL:
http://www.pasternack.com/sma-female-standard-pe-034sr-connector-pe4921-p.aspx
PE4921
PE4921 REV


Similar Part No. - PE4921

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4920 PASTERNACK-PE4920 Datasheet
220Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-020SR
PE4922 PASTERNACK-PE4922 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-020SR
PE4923 PASTERNACK-PE4923 Datasheet
220Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-034SR, .235 inch D Hole
PE4924 PASTERNACK-PE4924 Datasheet
270Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-020SR, .235 inch D Hole
PE4925 PASTERNACK-PE4925 Datasheet
262Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .285 inch D Hole
More results

Similar Description - PE4921

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44420 PASTERNACK-PE44420 Datasheet
250Kb / 2P
SSMA Male Right Angle Connector Solder Attachment For PE-034SR
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4917 PASTERNACK-PE4917 Datasheet
213Kb / 2P
SMA Male Connector Solder Attachment For PE-034SR
PE4923 PASTERNACK-PE4923 Datasheet
220Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-034SR, .235 inch D Hole
PE45030 PASTERNACK-PE45030 Datasheet
412Kb / 2P
SMA Female Connector Solder Attachment for PE-047SR
PE4919 PASTERNACK-PE4919 Datasheet
213Kb / 2P
SMA Male Right Angle Connector Solder Attachment For PE-034SR
PE4922 PASTERNACK-PE4922 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-020SR
PE44424 PASTERNACK-PE44424 Datasheet
212Kb / 2P
SSMA Female Connector Solder Attachment For PE-034SR
PE44428 PASTERNACK-PE44428 Datasheet
231Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-034SR, .177 inch D Hole
PE44440 PASTERNACK-PE44440 Datasheet
219Kb / 3P
SSMA Male Connector Solder Attachment For PE-034SR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com