Electronic Components Datasheet Search
  English  ▼

X  

PE4922 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4922
Description  SMA Female Connector Solder Attachment For PE-020SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4922 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4922 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4922 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4922 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment For PE-020SR
Configuration
Connector
SMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
PE-020SR
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.458 [11.63]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment For PE-020SR PE4922
PE4922
PE4922 REV 01
SMA Female Connector Solder Attachment For PE-020SR


Similar Part No. - PE4922

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4920 PASTERNACK-PE4920 Datasheet
220Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-020SR
PE4921 PASTERNACK-PE4921 Datasheet
216Kb / 2P
SMA Female Connector Solder Attachment For PE-034SR
PE4923 PASTERNACK-PE4923 Datasheet
220Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-034SR, .235 inch D Hole
PE4924 PASTERNACK-PE4924 Datasheet
270Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-020SR, .235 inch D Hole
PE4925 PASTERNACK-PE4925 Datasheet
262Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .285 inch D Hole
More results

Similar Description - PE4922

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4115 PASTERNACK-PE4115 Datasheet
277Kb / 2P
SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4924 PASTERNACK-PE4924 Datasheet
270Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-020SR, .235 inch D Hole
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45030 PASTERNACK-PE45030 Datasheet
412Kb / 2P
SMA Female Connector Solder Attachment for PE-047SR
PE4918 PASTERNACK-PE4918 Datasheet
217Kb / 2P
SMA Male Connector Solder Attachment For PE-020SR
PE4920 PASTERNACK-PE4920 Datasheet
220Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-020SR
PE4921 PASTERNACK-PE4921 Datasheet
216Kb / 2P
SMA Female Connector Solder Attachment For PE-034SR
PE4930 PASTERNACK-PE4930 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com