Electronic Components Datasheet Search
  English  ▼

X  

PE4930 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4930
Description  SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4930 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4930 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4930 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4930 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
Configuration
Connector
SMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
PE-SR401AL,PE-SR401FL,RG401
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.85 [21.59]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401 PE4930
PE4930
PE4930 REV 01
SMA Female Connector Solder Attachment For
PE-SR401AL, PE-SR401FL, RG401


Similar Part No. - PE4930

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4931 PASTERNACK-PE4931 Datasheet
253Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401, .235 inch D Hole
PE4932 PASTERNACK-PE4932 Datasheet
215Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4933 PASTERNACK-PE4933 Datasheet
305Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4934 PASTERNACK-PE4934 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4935 PASTERNACK-PE4935 Datasheet
102Kb / 1P
N MALE RIGHT ANGLE SOLDER/CLAMP ATTCHMENT FOR RG401 PE-SR401AL & PE-SR401FL
More results

Similar Description - PE4930

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4376 PASTERNACK-PE4376 Datasheet
285Kb / 3P
N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4140 PASTERNACK-PE4140 Datasheet
286Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4907 PASTERNACK-PE4907 Datasheet
213Kb / 2P
SMA Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE44289 PASTERNACK-PE44289 Datasheet
116Kb / 1P
7/16 FEMALE, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
PE4908 PASTERNACK-PE4908 Datasheet
219Kb / 3P
BNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4909 PASTERNACK-PE4909 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4931 PASTERNACK-PE4931 Datasheet
253Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401, .235 inch D Hole
PE4942 PASTERNACK-PE4942 Datasheet
104Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE45150 PASTERNACK-PE45150 Datasheet
351Kb / 3P
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PE44071 PASTERNACK-PE44071 Datasheet
126Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com