Electronic Components Datasheet Search
  English  ▼

X  

PE44140 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44140
Description  SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44140 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44140 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44140 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Connector Solder Attachment 2 Hole Flange
Solder Cup Terminal, .328 inch Hole Spacing
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
Configuration
Connector
SMC Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.575 [14.61]
Width/Dia., in [mm]
0.187 [5]
Height, in [mm]
0.48 [12.19]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
SMC Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-jack-standard-solder-cup-terminal-connector-pe44140-p.aspx
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE44140
PE44140 REV


Similar Part No. - PE44140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4414 PASTERNACK-PE4414 Datasheet
352Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44141 PASTERNACK-PE44141 Datasheet
323Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
PE44142 PASTERNACK-PE44142 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44143 PASTERNACK-PE44143 Datasheet
235Kb / 2P
SMC Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE44140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44139 PASTERNACK-PE44139 Datasheet
253Kb / 3P
SMB Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4891 PASTERNACK-PE4891 Datasheet
460Kb / 3P
MCX Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4894 PASTERNACK-PE4894 Datasheet
282Kb / 2P
MCX Jack Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE44395 PASTERNACK-PE44395 Datasheet
221Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4895 PASTERNACK-PE4895 Datasheet
219Kb / 3P
MCX Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE4501 PASTERNACK-PE4501 Datasheet
229Kb / 3P
SHV Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE44142 PASTERNACK-PE44142 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44143 PASTERNACK-PE44143 Datasheet
235Kb / 2P
SMC Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44431 PASTERNACK-PE44431 Datasheet
221Kb / 3P
SSMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44141 PASTERNACK-PE44141 Datasheet
323Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com