Electronic Components Datasheet Search
  English  ▼

X  

PE44142 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44142
Description  SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44142 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44142 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44142 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
Configuration
Connector
SMB Jack
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.575 [14.61]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole
Spacing PE44142
URL: http://www.pasternack.com/smb-jack-standard-solder-cup-terminal-connector-pe44142-p.aspx
PE44142
PE44142 REV 01
SMB Jack Connector Solder Attachment 4 Hole Flange
Solder Cup Terminal, .232 inch Hole Spacing


Similar Part No. - PE44142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4414 PASTERNACK-PE4414 Datasheet
352Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44140 PASTERNACK-PE44140 Datasheet
254Kb / 2P
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44141 PASTERNACK-PE44141 Datasheet
323Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
PE44143 PASTERNACK-PE44143 Datasheet
235Kb / 2P
SMC Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE44142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44139 PASTERNACK-PE44139 Datasheet
253Kb / 3P
SMB Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44432 PASTERNACK-PE44432 Datasheet
809Kb / 2P
SSMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE4891 PASTERNACK-PE4891 Datasheet
460Kb / 3P
MCX Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44394 PASTERNACK-PE44394 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE4895 PASTERNACK-PE4895 Datasheet
219Kb / 3P
MCX Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE4501 PASTERNACK-PE4501 Datasheet
229Kb / 3P
SHV Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE44140 PASTERNACK-PE44140 Datasheet
254Kb / 2P
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44143 PASTERNACK-PE44143 Datasheet
235Kb / 2P
SMC Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44141 PASTERNACK-PE44141 Datasheet
323Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
PE45391 PASTERNACK-PE45391 Datasheet
342Kb / 4P
SSMC Jack Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com