Electronic Components Datasheet Search
  English  ▼

X  

PE45155 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45155
Description  SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45155 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45155 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45155 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45155 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMC Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 10 GHz
Impedance
50 Ohms
Maximum Operating Voltage
335 Volts
Dielectric Withstanding Voltage
1,000 Vrms
Frequency 1
Frequency
DC to 3 GHz
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.9 in [22.86 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.005 lbs [2.27 g]
Connector
Type
SMC Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Hex Size
1/4 in
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS PE45155
PE45155
PE45155 REV 1.0
SMC Plug Connector Crimp/Solder Attachment
for RG188-DS, RG316-DS


Similar Part No. - PE45155

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE4515 PASTERNACK-PE4515 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE45150 PASTERNACK-PE45150 Datasheet
351Kb / 3P
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45155

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45166 PASTERNACK-PE45166 Datasheet
342Kb / 3P
1.0-2.3 Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44874 PASTERNACK-PE44874 Datasheet
246Kb / 3P
MMCX Plug Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE45169 PASTERNACK-PE45169 Datasheet
347Kb / 3P
MC-Card Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44792 PASTERNACK-PE44792 Datasheet
265Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE44876 PASTERNACK-PE44876 Datasheet
241Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE45156 PASTERNACK-PE45156 Datasheet
354Kb / 3P
SMC Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45369 PASTERNACK-PE45369 Datasheet
386Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com