Electronic Components Datasheet Search
  English  ▼

X  

PE45156 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45156
Description  SMC Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45156 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45156 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45156 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45156 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMC Jack
Connector Specification
MIL-C-39012
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 10 GHz
Impedance
50 Ohms
Maximum Operating Voltage
335 Volts
Mechanical Specifications
Size
Length
0.95 in [24.13 mm]
Width/Dia.
0.235 in [5.97 mm]
.
Weight
0.005 lbs [2.27 g]
Connector
Type
SMC Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Connector Crimp/Solder Attachment for RG188-DS, RG316-DS PE45156
PE45156
PE45156 REV 1.0
SMC Jack Connector Crimp/Solder Attachment
for RG188-DS, RG316-DS


Similar Part No. - PE45156

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE4515 PASTERNACK-PE4515 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE45150 PASTERNACK-PE45150 Datasheet
351Kb / 3P
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45156

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4885 PASTERNACK-PE4885 Datasheet
85Kb / 1P
MCX JACK CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44852 PASTERNACK-PE44852 Datasheet
246Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG316-DS, RG188-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44876 PASTERNACK-PE44876 Datasheet
241Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45158 PASTERNACK-PE45158 Datasheet
386Kb / 3P
SMB Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45159 PASTERNACK-PE45159 Datasheet
361Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45176 PASTERNACK-PE45176 Datasheet
395Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment for RG188-DS, RG316-DS, Black Color
PE45374 PASTERNACK-PE45374 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com