Electronic Components Datasheet Search
  English  ▼

X  

PE45157 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45157
Description  SMC Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45157 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45157 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45157 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45157 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMC Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 10 GHz
Impedance
50 Ohms
Maximum Operating Voltage
335 Volts
Dielectric Withstanding Voltage
1,000 Vrms
Frequency 1
Frequency
DC to 3 GHz
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1 in [25.4 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.006 lbs [2.72 g]
Connector
Type
SMC Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment for RG188-DS, RG316-DS,
.177 inch D Hole PE45157
PE45157
PE45157 REV 1.0
SMC Jack Bulkhead Mount Connector Crimp/Solder
Attachment for RG188-DS, RG316-DS, .177 inch D Hole


Similar Part No. - PE45157

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE4515 PASTERNACK-PE4515 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE45150 PASTERNACK-PE45150 Datasheet
351Kb / 3P
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45157

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4095 PASTERNACK-PE4095 Datasheet
265Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44852 PASTERNACK-PE44852 Datasheet
246Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG316-DS, RG188-DS
PE44508 PASTERNACK-PE44508 Datasheet
214Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .268 inch D Hole
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45156 PASTERNACK-PE45156 Datasheet
354Kb / 3P
SMC Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45158 PASTERNACK-PE45158 Datasheet
386Kb / 3P
SMB Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45159 PASTERNACK-PE45159 Datasheet
361Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44842 PASTERNACK-PE44842 Datasheet
243Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .126 inch D Hole
PE45177 PASTERNACK-PE45177 Datasheet
419Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
PE45374 PASTERNACK-PE45374 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com