Electronic Components Datasheet Search
  English  ▼

X  

PE45158 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45158
Description  SMB Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45158 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45158 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45158 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45158 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMB Jack
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 4 MHz
Impedance
50 Ohms
Maximum Operating Voltage
335 Volts
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.97 in [24.64 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.006 lbs [2.72 g]
Connector
Type
SMB Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30 µ in. Minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100 µ in. Minimum
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Connector Crimp/Solder Attachment for RG188-DS, RG316-DS PE45158
PE45158
PE45158 REV 1.0
SMB Jack Connector Crimp/Solder Attachment
for RG188-DS, RG316-DS


Similar Part No. - PE45158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE4515 PASTERNACK-PE4515 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE45150 PASTERNACK-PE45150 Datasheet
351Kb / 3P
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4885 PASTERNACK-PE4885 Datasheet
85Kb / 1P
MCX JACK CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44852 PASTERNACK-PE44852 Datasheet
246Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG316-DS, RG188-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44792 PASTERNACK-PE44792 Datasheet
265Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE44818 PASTERNACK-PE44818 Datasheet
289Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE45156 PASTERNACK-PE45156 Datasheet
354Kb / 3P
SMC Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45159 PASTERNACK-PE45159 Datasheet
361Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45176 PASTERNACK-PE45176 Datasheet
395Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment for RG188-DS, RG316-DS, Black Color
PE45374 PASTERNACK-PE45374 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com