Electronic Components Datasheet Search
  English  ▼

X  

LM25115 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115
Description  LM25115 Secondary Side Post Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115 Datasheet(HTML) 3 Page - Texas Instruments

  LM25115 Datasheet HTML 1Page - Texas Instruments LM25115 Datasheet HTML 2Page - Texas Instruments LM25115 Datasheet HTML 3Page - Texas Instruments LM25115 Datasheet HTML 4Page - Texas Instruments LM25115 Datasheet HTML 5Page - Texas Instruments LM25115 Datasheet HTML 6Page - Texas Instruments LM25115 Datasheet HTML 7Page - Texas Instruments LM25115 Datasheet HTML 8Page - Texas Instruments LM25115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
VBIAS
VCC
HB
CS
SYNC
ENABLE
PGND
AGND
LEVEL
SHIFT
CLK
VOUT
HS
ERROR AMP
(Sink Only)
R
S
Q
Q
VCC
UVLO
7V LDO
REGULATOR
HO
DRIVER
LO
DRIVER
RAMP
75k
SS
FB
COMP
PWM
COMPARATOR
CURRENT SENSE AMP
Gain = 16
CO
NEGATIVE
CURRENT
DETECTOR
7V
1.27V
2V
40k
100k
0.7V
BUFFER
0.75V
300 PA
ILIMIT AMP
Gm = 16 mA/V
(Sink Only)
1V
1.27V
175k
120k
ADAPTIVE
DEAD TIME
DELAY
THERMAL
LIMIT
LOGIC
CV
2.5k
15 PA
CLK
2.5k
CRMIX
VCC
VCC
VCC
VCC
ISYNC
Vbias
ISYNC x 3
+
-
2.3V
LM25115
www.ti.com
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
PIN DESCRIPTIONS (continued)
Pin
Name
Description
Application Information
16
VBIAS
Supply Bias Input
Input to the LDO bias regulator and current sense amplifier that
powers internal blocks. Input range of VBIAS is 4.5V to 30V.
-
Exposed Pad Exposed Pad, underside of WSON package
Internally bonded to the die substrate. Connect to system ground
(WSON
for low thermal impedance.
Package
Only)
Block Diagram
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com