Electronic Components Datasheet Search
  English  ▼

X  

REF102AU Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF102AU
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102AU Datasheet(HTML) 4 Page - Texas Instruments

  REF102AU Datasheet HTML 1Page - Texas Instruments REF102AU Datasheet HTML 2Page - Texas Instruments REF102AU Datasheet HTML 3Page - Texas Instruments REF102AU Datasheet HTML 4Page - Texas Instruments REF102AU Datasheet HTML 5Page - Texas Instruments REF102AU Datasheet HTML 6Page - Texas Instruments REF102AU Datasheet HTML 7Page - Texas Instruments REF102AU Datasheet HTML 8Page - Texas Instruments REF102AU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REF102
4
SBVS022B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +15V, unless otherwise noted.
POWER TURN-ON RESPONSE
V
OUT
V
IN
Time (5
µs/div)
Power Turn-On
POWER TURN-ON RESPONSE with 1
µF C
N
V
OUT
V
IN
Time (10ms/div)
Power Turn-On
POWER SUPPLY REJECTION vs FREQUENCY
130
120
110
100
90
80
70
60
1
100
1k
10k
Frequency (Hz)
LOAD REGULATION
+1.5
+1.0
+0.5
0
−0.5
−1.0
−1.5
–5
0
+5
+10
Output Current (mA)
RESPONSE TO THERMAL SHOCK
30
45
60
15
0
+600
+300
0
–300
–600
T
A =
+25
°C
REF102C Immersed in +85
°C Fluorinert Bath
Time (s)
T
A = +85°C
QUIESCENT CURRENT vs TEMPERATURE
1.6
1.4
1.2
1.0
0.8
−50
−25
0
+25
+50
+75
+100
+125
Temperature (
°C)
−75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com