Electronic Components Datasheet Search
  English  ▼

X  

1N4531 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # 1N4531
Description  PERFORMANCE SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4531 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button 1N4531 Datasheet HTML 3Page - Microsemi Corporation 1N4531 Datasheet HTML 4Page - Microsemi Corporation 1N4531 Datasheet HTML 5Page - Microsemi Corporation 1N4531 Datasheet HTML 6Page - Microsemi Corporation 1N4531 Datasheet HTML 7Page - Microsemi Corporation 1N4531 Datasheet HTML 8Page - Microsemi Corporation 1N4531 Datasheet HTML 9Page - Microsemi Corporation 1N4531 Datasheet HTML 10Page - Microsemi Corporation 1N4531 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MIL-PRF-19500/116L
7
Dimensions
Ltr
Inches
Millimeters
Min
Max
Min
Max
A
.0059
.0061
.150
.155
B
.0130
.0170
.330
.430
NOTES:
1.
Dimensions are in inches.
2.
Metric equivalents are given for general information only.
3.
Element evaluation accomplished utilizing TO-5 package.
4.
The physical characteristics of the die are:
Metallization:
Top (anode): Al.
Back (cathode): Au.
Al thickness: 25,000 Å minimum.
Gold thickness: 4,000 Å minimum.
Chip thickness: .010 inches (.25 mm)
H.002 inches (.05 mm).
FIGURE 5. Physical dimensions, JANHCA and JANKCA die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com