Electronic Components Datasheet Search
  English  ▼

X  

LA4631VC Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA4631VC
Description  2-Channel SE AF Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4631VC Datasheet(HTML) 1 Page - ON Semiconductor

  LA4631VC Datasheet HTML 1Page - ON Semiconductor LA4631VC Datasheet HTML 2Page - ON Semiconductor LA4631VC Datasheet HTML 3Page - ON Semiconductor LA4631VC Datasheet HTML 4Page - ON Semiconductor LA4631VC Datasheet HTML 5Page - ON Semiconductor LA4631VC Datasheet HTML 6Page - ON Semiconductor LA4631VC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
41812 SY 20120203-S00005 No.A2051-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LA4631VC
Overview
The LA4631VC built-in a 2 channel single-ended output power amplifier that a power supply voltage range is wide and
has additionally the standby function to reduce the current drain. It is a power amplifier IC suitable for driving speaker
of various audio system equipments, which is especially useful for products that use batteries.
Functions
• Output power = 4.5W (typical)
(VCC = 12V, RL = 3Ω, THD+N = 10%)
• Built in standby function (Pin5)
• Built in thermal suht down circuit
Specifications
Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
With no input signal
24
V
Maximum output current
IO peak
Per channel
2.5
A
Allowable power dissipation
Pd max
With an infinitely large heat sink
25
W
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
12
V
Recommended load resistance range
RL op
3 to 8
Ω
Allowable
operating
supply voltage
range
VCC op
5.5 to 22
V
*: VCC, RL, and output level such that Pd max, is not exceeded for the size of heat sink used.
Ordering number : ENA2051
Monolithic Linear IC
2-Channel SE AF Power Amplifier
for Home Audio Use
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LA4631VC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
More results

Similar Description - LA4631VC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
2.3 W 2-Channel AF Power Amplifier
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
5.5W 2-Channel AF Power Amplifier
LA4500 SANYO-LA4500 Datasheet
629Kb / 12P
5.3W 2-Channel AF Power Amplifier
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK441 SANYO-STK441 Datasheet
152Kb / 4P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK417-090 SANYO-STK417-090 Datasheet
140Kb / 3P
2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com