Electronic Components Datasheet Search
  English  ▼

X  

LB1975 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB1975
Description  3-phase Brushless Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1975 Datasheet(HTML) 3 Page - ON Semiconductor

  LB1975 Datasheet HTML 1Page - ON Semiconductor LB1975 Datasheet HTML 2Page - ON Semiconductor LB1975 Datasheet HTML 3Page - ON Semiconductor LB1975 Datasheet HTML 4Page - ON Semiconductor LB1975 Datasheet HTML 5Page - ON Semiconductor LB1975 Datasheet HTML 6Page - ON Semiconductor LB1975 Datasheet HTML 7Page - ON Semiconductor LB1975 Datasheet HTML 8Page - ON Semiconductor LB1975 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LB1975
No.6087-3/10
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VCTL Pin
VCTL1
Output duty 0%
1.1
1.4
1.7
V
Input voltage
VCTL2
Output duty 100%
3.2
3.5
3.8
V
IB1(CTL)
VCTL = 0V
-82
μA
Input bias current
IB2(CTL)
VCTL = 5V
92
μA
VCTL Amplifier
Reference voltage
VCREF
2.23
2.35
2.46
V
VCOUT1
VCTL = 0V
3.90
4.20
4.40
V
Output voltage
VCOUT2
VCTL = 5V
0.60
0.80
1.10
V
Start/Stop Pin
High-level input voltage range
VIH(S/S)
VCC-1.5
VCC
V
Low-level input voltage range
VIL(S/S)
0
1.5
V
Input open voltage
VIO(S/S)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN(S/S)
0.35
0.50
0.65
V
High-level input current
IIH(S/S)
V(S/S) = VCC
-10
0
+10
μA
Low-level input current
IIL(S/S)
V(S/S) = 0V
-280
-210
μA
Forward/Reverse Pin
High-level input voltage range
VIH(F/R)
VCC-1.5
VCC
V
Low-level input voltage range
VIL(F/R)
0
1.5
V
Input open voltage
VIO(F/R)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN(F/R)
0.35
0.50
0.65
V
High-level input current
IIH(F/R)
V(F/R) = VCC
-10
0
+10
μA
Low-level input current
IIL(F/R)
V(F/R) = 0V
-280
-210
μA
Package Dimensions
unit : mm (typ)
3147C
SANYO : DIP28H(500mil)
1
14
28
15
0.6
26.75
20.0
R1.7
(1.81)
1.78
1.0
-20
0
20
40
60
80
120
0
24
20
16
12
4
Pd max -- Ta
100
8
3
Ambient temperature, Ta --
°C
Independent IC
With infinite heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com