Electronic Components Datasheet Search
  English  ▼

X  

A9211B Datasheet(PDF) 3 Page - AMIC Technology

Part # A9211B
Description  ISO/IEC 14443A RFID TAG IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A9211B Datasheet(HTML) 3 Page - AMIC Technology

  A9211B Datasheet HTML 1Page - AMIC Technology A9211B Datasheet HTML 2Page - AMIC Technology A9211B Datasheet HTML 3Page - AMIC Technology A9211B Datasheet HTML 4Page - AMIC Technology A9211B Datasheet HTML 5Page - AMIC Technology A9211B Datasheet HTML 6Page - AMIC Technology A9211B Datasheet HTML 7Page - AMIC Technology A9211B Datasheet HTML 8Page - AMIC Technology A9211B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
A9211B
ISO/IEC 14443A RFID TAG IC
Pin Descriptions
Symbol
Type
Description
ANTM
-
Antenna pad A
ANTP
-
Antenna pad B
TIO1
-
Reserved
TIO2
-
Reserved
TIO3
Reserved
Table 1
p3 of 15
Ver. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com