Electronic Components Datasheet Search
  English  ▼

X  

2N2484 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # 2N2484
Description  SMALL SIGNAL BIPOLAR NPN SILICON
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2484 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button 2N2484 Datasheet HTML 2Page - Microsemi Corporation 2N2484 Datasheet HTML 3Page - Microsemi Corporation 2N2484 Datasheet HTML 4Page - Microsemi Corporation 2N2484 Datasheet HTML 5Page - Microsemi Corporation 2N2484 Datasheet HTML 6Page - Microsemi Corporation 2N2484 Datasheet HTML 7Page - Microsemi Corporation 2N2484 Datasheet HTML 8Page - Microsemi Corporation 2N2484 Datasheet HTML 9Page - Microsemi Corporation 2N2484 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MSCO280A 06-10-98
DSW2N2484 <-> (34285)
2N2484
FIGURE 9
FIGURE 10
.1
1
10
100
COLLECTOR CURRENT (mA)
1
10
100
1
10
100
VOLTAGE FEEDBACK RATIO vs COLLECTOR CURRENT
TJ = 25 C VCE = 5 V f = 1kHz
typ.
-5
10
-4
10
-3
10
COLLECTOR CURRENT (A)
.1
1
10
.1
1
10
NOISE FIGURE (db) VS COLLECTOR CURRENT
TJ = 25 C
VCE = 5 V RG = 10 k f = 1 kHz
typ.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com