Electronic Components Datasheet Search
  English  ▼

X  

LP621024E Datasheet(PDF) 10 Page - AMIC Technology

Part # LP621024E
Description  128K X 8 BIT CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024E Datasheet(HTML) 10 Page - AMIC Technology

Back Button LP621024E Datasheet HTML 6Page - AMIC Technology LP621024E Datasheet HTML 7Page - AMIC Technology LP621024E Datasheet HTML 8Page - AMIC Technology LP621024E Datasheet HTML 9Page - AMIC Technology LP621024E Datasheet HTML 10Page - AMIC Technology LP621024E Datasheet HTML 11Page - AMIC Technology LP621024E Datasheet HTML 12Page - AMIC Technology LP621024E Datasheet HTML 13Page - AMIC Technology LP621024E Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LP621024E Series
(September, 2010, Version 1.0)
9
AMIC Technology, Corp.
AC Test Conditions
Input Pulse Levels
0V to 3.0V
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
+5V
I/O
990
Ω
1800
Ω
30pF*
* Including scope and jig.
+5V
I/O
990
Ω
1800
Ω
5pF*
* Including scope and jig.
Figure 1. Output Load
Figure 2. Output Load for tCLZ1,
tCLZ2, tOHZ, tOLZ, tCHZ1,
tCHZ2, tWHZ, and tOW
Data Retention Characteristics (TA = 0°C to +70°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR1
2.0
5.5
V
CE1
≥ VCC - 0.2V
VDR2
VCC for Data Retention
2.0
5.5
V
CE2
≤ 0.2V
CE1
≥ VCC - 0.2V or
CE1
≤ 0.2V
ICCDR1
-
10**
μA
VCC = 2.0V,
CE1
≥ VCC - 0.2V
CE2
≥ VCC - 0.2V
VIN
≥ 0V
ICCDR2
Data Retention Current
-
10**
μA
VCC = 2.0V
CE2
≤ 0.2V
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
See Retention Waveform
tR
Operation Recovery Time
5
-
ms
** LP621024E-55LL/70LL
ICCDR: Max.
2
μA at TA = 0°C to + 40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com