Electronic Components Datasheet Search
  English  ▼

X  

2N3583 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3583
Description  5 Amp, 250V, High Voltage NPN Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3583 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3583 Datasheet HTML 1Page - Microsemi Corporation 2N3583 Datasheet HTML 2Page - Microsemi Corporation 2N3583 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MSC1055.PDF 05-19-99
2N3583
PACKAGE MECHANICAL DATA:
PACKAGE MECHANICAL DATA:
NOTE: DIMENSIONS IN [ ] = MILLIMETERS
.050 [1.27]
.075 [1.91]
.028 [0.71]
.034 [0.86]
.958 [24.33]
.962 [24.43]
.142 [3.61]
.152 [3.86]
.620 [15.75] MAX
R.350 [8.89] MAX
.470 [11.94]
.500 [12.70]
.250 [6.35]
.340 [8.64]
.190 [4.83]
.210 [5.33]
.095 [2.41]
.105 [2.67]
.570 [14.48]
.590 [14.99]
.360 [9.14] MIN
R.145 [3.68] MAX
.050 [1.27] MAX
SEATING PLANE
2
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com