Electronic Components Datasheet Search
  English  ▼

X  

PE44481 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44481
Description  SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44481 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44481 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44481 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44481 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Limited Detent
Connector Specification
MIL-STD-348A
Connector Interface Type
Surface Mount
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 26.5 GHz
Impedance
50 Ohms
Maximum Operating Voltage
335 Volts
Dielectric Withstanding Voltage
500 Vrms
Frequency 1
Frequency
DC to 6 GHz
VSWR
1.11:1
Return Loss
26 dB
Insertion Loss
0.12 dB
Frequency 2
Frequency
6 to 12 GHz
VSWR
1.22:1
Return Loss
20 dB
Insertion Loss
0.17 dB
Mechanical Specifications
Temperature
Operating Range
-65 to +155 deg C
Size
Length
0.16 in [4.06 mm]
Width/Dia.
0.2 in [5.08 mm]
Height
0.2 in [5.08 mm]
.
Weight
0.006 lbs [2.72 g]
Connector
Type
SMP Male
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
LCP
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/19/2011
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB PE44481
PE44481
PE44481 REV 1.2
SMP Male Limited Detent Connector Solder
Attachment Surface Mount PCB


Similar Part No. - PE44481

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4448 PASTERNACK-PE4448 Datasheet
118Kb / 1P
TNC MALE CLAMP ATTACHMENT
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44483 PASTERNACK-PE44483 Datasheet
318Kb / 3P
SMP Male Bulkhead Connector Solder Attachment For PE-SR405AL PE-SR405FL RG405 4.83 mm Diameter
PE44484 PASTERNACK-PE44484 Datasheet
104Kb / 1P
PRECISION 7mm FOR PE310 VNA TEST CABLE
More results

Similar Description - PE44481

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44968 PASTERNACK-PE44968 Datasheet
373Kb / 3P
Mini SMP Male Right Angle Full Detent Connector Solder Attachment Surface Mount PCB
PE44932 PASTERNACK-PE44932 Datasheet
365Kb / 2P
SMP Male Limited Detent Shroud Solder Mount Surface Mount
PE44941 PASTERNACK-PE44941 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Non Captive Center Contact
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44946 PASTERNACK-PE44946 Datasheet
373Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB Right Angle Center Contact
PE44952 PASTERNACK-PE44952 Datasheet
378Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB with Raised Right Angle Center Contact
PE44958 PASTERNACK-PE44958 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
logo
Amphenol Corporation
ARF2465-ND AMPHENOL-ARF2465-ND Datasheet
192Kb / 1P
POWER-SMP, MALE LIMITED DETENT PCB
logo
Pasternack Enterprises,...
PE45278TR1 PASTERNACK-PE45278TR1 Datasheet
469Kb / 4P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB, With Pick Cap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com