Electronic Components Datasheet Search
  English  ▼

X  

PE44908 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44908
Description  SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Chamfered Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44908 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44908 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44908 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44908 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Female
Connector Specification
DESC 94008
Connector Interface Type
RG405, PE-SR405FL, PE-SR405FLJ
Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.265 in [6.73 mm]
Width/Dia.
0.156 in [3.96 mm]
Height
0.218 in [5.54 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR-
405FLJ Chamfered Body PE44908
PE44908
PE44908 REV 1.0
SMP Female Right Angle Connector Solder Attachment for
RG405, PE-SR405FL, PE-SR405FLJ Chamfered Body


Similar Part No. - PE44908

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4490 PASTERNACK-PE4490 Datasheet
296Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490 PASTERNACK-PE4490 Datasheet
317Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE44900 PASTERNACK-PE44900 Datasheet
399Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174A - U, RG188, LMR-100 IP 67 Rated
PE44901 PASTERNACK-PE44901 Datasheet
440Kb / 3P
TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
More results

Similar Description - PE44908

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44275 PASTERNACK-PE44275 Datasheet
232Kb / 3P
SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44972 PASTERNACK-PE44972 Datasheet
375Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
PE44913 PASTERNACK-PE44913 Datasheet
384Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Mitered Body
PE44915 PASTERNACK-PE44915 Datasheet
381Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Round Body
PE44494 PASTERNACK-PE44494 Datasheet
383Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE45248 PASTERNACK-PE45248 Datasheet
369Kb / 4P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com