Electronic Components Datasheet Search
  English  ▼

X  

PE44911 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44911
Description  SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047FL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44911 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44911 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44911 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44911 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Female
Connector Specification
MIL-STD-348
Connector Interface Type
PE-047SR, PE-SR047FL
Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.231 in [5.87 mm]
Width/Dia.
0.136 in [3.45 mm]
Height
0.162 in [4.11 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047FL PE44911
PE44911
PE44911 REV 1.0
SMP Female Right Angle Connector Solder
Attachment for PE-047SR, PE-SR047FL


Similar Part No. - PE44911

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4491 PASTERNACK-PE4491 Datasheet
222Kb / 3P
N Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .718 inch Hole Spacing, .120 inch Diameter
PE4491 PASTERNACK-PE4491 Datasheet
327Kb / 3P
N Male Connector Solder Attachment
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44912 PASTERNACK-PE44912 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
PE44913 PASTERNACK-PE44913 Datasheet
384Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Mitered Body
More results

Similar Description - PE44911

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44273 PASTERNACK-PE44273 Datasheet
216Kb / 2P
SMP Female Connector Solder Attachment For PE- 047SR, PE-SR047AL, PE-SR047FL, 18 GHz Version
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44274 PASTERNACK-PE44274 Datasheet
279Kb / 2P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44773 PASTERNACK-PE44773 Datasheet
274Kb / 3P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44493 PASTERNACK-PE44493 Datasheet
286Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44971 PASTERNACK-PE44971 Datasheet
376Kb / 3P
Mini SMP Female Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44785 PASTERNACK-PE44785 Datasheet
331Kb / 3P
SMP Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45249 PASTERNACK-PE45249 Datasheet
369Kb / 3P
SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com