Electronic Components Datasheet Search
  English  ▼

X  

PE44914 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44914
Description  SMP Female Right Angle Connector Solder Attachment for RG178, RG196
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44914 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44914 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44914 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44914 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Female
Connector Specification
MIL-STD-348
Connector Interface Type
RG178, RG196
Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.273 in [6.93 mm]
Width/Dia.
0.156 in [3.96 mm]
Height
0.294 in [7.47 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Right Angle Connector Solder Attachment for RG178, RG196 PE44914
PE44914
PE44914 REV 1.0
SMP Female Right Angle Connector Solder
Attachment for RG178, RG196


Similar Part No. - PE44914

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4491 PASTERNACK-PE4491 Datasheet
222Kb / 3P
N Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .718 inch Hole Spacing, .120 inch Diameter
PE4491 PASTERNACK-PE4491 Datasheet
327Kb / 3P
N Male Connector Solder Attachment
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44911 PASTERNACK-PE44911 Datasheet
380Kb / 3P
SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44912 PASTERNACK-PE44912 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
More results

Similar Description - PE44914

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4108 PASTERNACK-PE4108 Datasheet
206Kb / 2P
SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE44404 PASTERNACK-PE44404 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG178 &RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 & RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE44655 PASTERNACK-PE44655 Datasheet
284Kb / 3P
SMP Female Connector Solder Attachment For RG178, RG196
PE44841 PASTERNACK-PE44841 Datasheet
253Kb / 2P
SMP Female Push-On Connector Solder Attachment For RG178, RG196
PE4592 PASTERNACK-PE4592 Datasheet
97Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
PE44402 PASTERNACK-PE44402 Datasheet
114Kb / 1P
SSMA MALE RIGHT ANGLE, SOLDER ATTACHMENT FOR RG178 & RG196
PE45287 PASTERNACK-PE45287 Datasheet
346Kb / 3P
SMP Female Push-On Connector Solder Attachment for RG178, RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com