Electronic Components Datasheet Search
  English  ▼

X  

2N6304 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6304
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6304 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6304 Datasheet HTML 1Page - Microsemi Corporation 2N6304 Datasheet HTML 2Page - Microsemi Corporation 2N6304 Datasheet HTML 3Page - Microsemi Corporation 2N6304 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSC1323.PDF 10-25-99
2N6304
DESCRIPTION:
Designed primarily for use in High Gain, low noise general purpose UHF amplifiers.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
15
Vdc
VCBO
Collector-Base Voltage
30
Vdc
VEBO
Emitter-Base Voltage
3.5
Vdc
IC
Collector Current
50
mA
Thermal Data
P
D
Total Device Dissipation @ TA = 25ºC
Derate above 25ºC
200
1.14
mWatts
mW/ ºC
1
2
3
4
1. Emitter
2. Base
3. Collector
4. Case
TO-72
Features
• Silicon RF NPN, TO-72, UHF general purpose Low Noise
Transistor
• Noise Figure = 5.0 dB (typ) @ f = 450 MHz
• High FT - 1.4 GHz (min) @ IC = 10 mAdc
• Maximum Available Gain = 14 dB (min) @ f = 500 MHz
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - 2N6304

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2N6304 ADPOW-2N6304 Datasheet
115Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6304 NJSEMI-2N6304 Datasheet
97Kb / 1P
BIPOLAR NPN UHF/MICROWAVE TRANSISTOR
More results

Similar Description - 2N6304

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF8372 ADPOW-MRF8372 Datasheet
62Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com