Electronic Components Datasheet Search
  English  ▼

X  

PE44928 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44928
Description  SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length Full Radius
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44928 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44928 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44928 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44928 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Smooth Bore
Connector Specification
DESC 94007
Connector Interface Type
Pin
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Solder
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.19 in [4.83 mm]
Width/Dia.
0.145 in [3.68 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Kovar, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Kovar, Gold
Body Plating Specification
MIL-G-45204
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin
Terminal .050 inch Pin Length Full Radius PE44928
PE44928
PE44928 REV 1.0
SMP Male Smooth Bore Hermetically Sealed
Connector Solder Attachment Solder Mount Pin
Terminal .050 inch Pin Length Full Radius


Similar Part No. - PE44928

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4492 PASTERNACK-PE4492 Datasheet
212Kb / 2P
N Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .718 inch Hole Spacing
PE4492 PASTERNACK-PE4492 Datasheet
795Kb / 3P
N Female Connector Solder Attachment
PE44920 PASTERNACK-PE44920 Datasheet
370Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .135 inch Pin Length
PE44921 PASTERNACK-PE44921 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .150 inch Pin Length
PE44922 PASTERNACK-PE44922 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
More results

Similar Description - PE44928

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44973 PASTERNACK-PE44973 Datasheet
363Kb / 3P
Mini SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length Full Radius
PE44918 PASTERNACK-PE44918 Datasheet
370Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin length
PE44919 PASTERNACK-PE44919 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .060 inch Pin length
PE44920 PASTERNACK-PE44920 Datasheet
370Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .135 inch Pin Length
PE44921 PASTERNACK-PE44921 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .150 inch Pin Length
PE44922 PASTERNACK-PE44922 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44929 PASTERNACK-PE44929 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44933 PASTERNACK-PE44933 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal
PE44945 PASTERNACK-PE44945 Datasheet
372Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .030 inch Pin Length, Full Radius
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com