Electronic Components Datasheet Search
  English  ▼

X  

PE44931 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44931
Description  SMP Male Limited Detent Connector Solder Attachment Thread-In Mount Pin Terminal .080 Inch Extended Dielectric and .070 inch Pin Length
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44931 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44931 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44931 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44931 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Limited Detent
Connector Specification
MIL-STD-348
Connector Interface Type
Pin
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Thread-In
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.335 in [8.51 mm]
Width/Dia.
0.189 in [4.80 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMP Male Limited Detent Connector Solder Attachment Thread-In Mount Pin Terminal
.080 Inch Extended Dielectric and .070 inch Pin Length PE44931
PE44931
PE44931 REV 1.1
SMP Male Limited Detent Connector Solder
Attachment Thread-In Mount Pin Terminal .080 Inch
Extended Dielectric and .070 inch Pin Length


Similar Part No. - PE44931

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44932 PASTERNACK-PE44932 Datasheet
365Kb / 2P
SMP Male Limited Detent Shroud Solder Mount Surface Mount
PE44933 PASTERNACK-PE44933 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal
PE44934 PASTERNACK-PE44934 Datasheet
381Kb / 3P
SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE44931

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44909 PASTERNACK-PE44909 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
PE44912 PASTERNACK-PE44912 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
PE44922 PASTERNACK-PE44922 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44923 PASTERNACK-PE44923 Datasheet
369Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .060 inch Pin Length
PE44924 PASTERNACK-PE44924 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .065 inch Pin Length
PE44925 PASTERNACK-PE44925 Datasheet
371Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .135 inch Pin Length
PE44926 PASTERNACK-PE44926 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .070 inch Pin Length
PE44927 PASTERNACK-PE44927 Datasheet
369Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .080 inch Pin Length
PE44945 PASTERNACK-PE44945 Datasheet
372Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .030 inch Pin Length, Full Radius
PE44963 PASTERNACK-PE44963 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com