Electronic Components Datasheet Search
  English  ▼

X  

PE44932 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44932
Description  SMP Male Limited Detent Shroud Solder Mount Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44932 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44932 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44932 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Limited Detent
Connector Specification
DESC 94007
Connector Interface Type
None
Attachment Method (Shield/Contact)
None
Body Style
Straight
Mount Method
Solder
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.12 in [3.05 mm]
Width/Dia.
0.195 in [4.95 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
SMP Male Limited Detent Shroud Solder Mount Surface Mount from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Limited Detent Shroud Solder Mount Surface Mount PE44932
URL: http://www.pasternack.com/smp-male-standard-surface-mount-shroud-pe44932-p.aspx
PE44932
PE44932 REV 1.0
SMP Male Limited Detent Shroud Solder Mount Surface Mount


Similar Part No. - PE44932

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44931 PASTERNACK-PE44931 Datasheet
374Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thread-In Mount Pin Terminal .080 Inch Extended Dielectric and .070 inch Pin Length
PE44933 PASTERNACK-PE44933 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal
PE44934 PASTERNACK-PE44934 Datasheet
381Kb / 3P
SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE44932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P672 ETC2-P672 Datasheet
101Kb / 1P
SMP MALE LIMITED DETENT SHROUD 2 HOLE FLANGE PANEL MOUNT
P677 ETC2-P677 Datasheet
65Kb / 1P
SMP SHROUD SOLDER-IN SURFACE MOUNT
logo
Pasternack Enterprises,...
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44906 PASTERNACK-PE44906 Datasheet
366Kb / 2P
SMP Male Full Detent Shroud Thread-In Mount
PE44946 PASTERNACK-PE44946 Datasheet
373Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB Right Angle Center Contact
PE44949 PASTERNACK-PE44949 Datasheet
370Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44953 PASTERNACK-PE44953 Datasheet
368Kb / 2P
SMP Male Limited Detent Shroud Thread-In Mount
PE45278TR1 PASTERNACK-PE45278TR1 Datasheet
469Kb / 4P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB, With Pick Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com