Electronic Components Datasheet Search
  English  ▼

X  

PE44934 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44934
Description  SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44934 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44934 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44934 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44934 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Full Detent
Connector Specification
DESC 94007
Connector Interface Type
Thru Hole
Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.285 in [7.24 mm]
Width/Dia.
0.164 in [4.17 mm]
Height
0.272 in [6.91 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
AMS-QQ-P-35
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB PE44934
PE44934
PE44934 REV 1.0
SMP Male Right Angle Full Detent Connector
Solder Attachment Thru Hole PCB


Similar Part No. - PE44934

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44931 PASTERNACK-PE44931 Datasheet
374Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thread-In Mount Pin Terminal .080 Inch Extended Dielectric and .070 inch Pin Length
PE44932 PASTERNACK-PE44932 Datasheet
365Kb / 2P
SMP Male Limited Detent Shroud Solder Mount Surface Mount
PE44933 PASTERNACK-PE44933 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal
More results

Similar Description - PE44934

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44775 PASTERNACK-PE44775 Datasheet
258Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB, Round Body, Up To 8 GHz
PE44968 PASTERNACK-PE44968 Datasheet
373Kb / 3P
Mini SMP Male Right Angle Full Detent Connector Solder Attachment Surface Mount PCB
PE44970 PASTERNACK-PE44970 Datasheet
370Kb / 3P
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PE44937 PASTERNACK-PE44937 Datasheet
373Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44955 PASTERNACK-PE44955 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
PE44957 PASTERNACK-PE44957 Datasheet
377Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44960 PASTERNACK-PE44960 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .145 inch Pin Length
PE44965 PASTERNACK-PE44965 Datasheet
381Kb / 3P
SMP Male Full Detent Connector Solder Attachment Through Hole PCB Right Angle Center Contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com