Electronic Components Datasheet Search
  English  ▼

X  

PE44936 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44936
Description  SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .127 inch Pin Length
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44936 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44936 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44936 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44936 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Limited Detent
Connector Specification
MIL-STD-348
Connector Interface Type
Thru Hole
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.267 in [6.78 mm]
Width/Dia.
0.187 in [4.75 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Ultem
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .127 inch Pin Length
PE44936
PE44936
PE44936 REV 1.0
SMP Male Limited Detent Connector Solder
Attachment Thru Hole PCB .127 inch Pin Length


Similar Part No. - PE44936

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44931 PASTERNACK-PE44931 Datasheet
374Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thread-In Mount Pin Terminal .080 Inch Extended Dielectric and .070 inch Pin Length
PE44932 PASTERNACK-PE44932 Datasheet
365Kb / 2P
SMP Male Limited Detent Shroud Solder Mount Surface Mount
PE44933 PASTERNACK-PE44933 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal
More results

Similar Description - PE44936

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44922 PASTERNACK-PE44922 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44924 PASTERNACK-PE44924 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .065 inch Pin Length
PE44926 PASTERNACK-PE44926 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .070 inch Pin Length
PE44941 PASTERNACK-PE44941 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Non Captive Center Contact
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44957 PASTERNACK-PE44957 Datasheet
377Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
PE44958 PASTERNACK-PE44958 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44960 PASTERNACK-PE44960 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .145 inch Pin Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com