Electronic Components Datasheet Search
  English  ▼

X  

PM033 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # PM033
Description  AC Fans and Blowers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PM033 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PM033 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
5/15/11
1
AC Fans and Blowers
PM033-115-8025B-4
PM033-230-8025B-4
Features
Size: 80 x 80 x 25 mm (3.2” x 3.2” x 1.0”)
Airflow: 33 CFM
Weight: 200 grams (8 oz)
Noise: 33 dBa (avg.)
Lead Wire: AWG22
Impeller: Reinforced Plastic (94V-0)
Frame: Aluminum Alloy
Bearings: Ball Sleeve
Absolute Maximum Ratings
Type
Rated
Voltage
(V)
Operating
Frequency
(Hz)
Input
Power
(W) (@
60 Hz)
Max Air
Flow (CFM)
Max Air
Pressure (in H2))
Max
Noise*
(dBa)
Operating
Temperature (ºC)
Life Expec-
tancy (Hr) (@
40 ºC)
PM033-115-8025B-4
115
50/60
10
33
0.18
33
-20 ~ +85
60,000
PM033-230-8025B-4
230
50/60
10
33
0.18
33
-20 ~ +85
60,000
*Measured 1 m from intake
UL E101153
CUL E10115
Airflow – CFM
.05
.10
.15
.20
.25
50 Hz
60 Hz
0
10
20
30
40
50
Dimensions – inches mm
Air Flow vs. Air Pressure


Similar Part No. - PM033

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PM033-115-8025B-4 PURDY-PM033-115-8025B-4 Datasheet
73Kb / 1P
AC Fans and Blowers
PM033-230-8025B-4 PURDY-PM033-230-8025B-4 Datasheet
73Kb / 1P
AC Fans and Blowers
More results

Similar Description - PM033

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PM033-115-8025B-4 PURDY-PM033-115-8025B-4 Datasheet
73Kb / 1P
AC Fans and Blowers
PM037-115-8038BT-4 PURDY-PM037-115-8038BT-4 Datasheet
83Kb / 1P
AC Fans and Blowers
PM053-115-1225BT-4 PURDY-PM053-115-1225BT-4 Datasheet
70Kb / 1P
AC Fans and Blowers
PM080-115-1225BT-4 PURDY-PM080-115-1225BT-4 Datasheet
70Kb / 1P
AC Fans and Blowers
PM220 PURDY-PM220 Datasheet
86Kb / 1P
AC Fans and Blowers
PM240 PURDY-PM240 Datasheet
165Kb / 1P
AC Fans and Blowers
PMB24 PURDY-PMB24 Datasheet
92Kb / 1P
AC Fans and Blowers
PM037 PURDY-PM037 Datasheet
83Kb / 1P
AC Fans and Blowers
PM040-9225 PURDY-PM040-9225 Datasheet
92Kb / 1P
AC Fans and Blowers
POB19 PURDY-POB19 Datasheet
1Mb / 1P
AC Fans and Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com