Electronic Components Datasheet Search
  English  ▼

X  

PE4334 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4334
Description  SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4334 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4334 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4334 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMB Plug Right Angle Connector Crimp/Solder
Attachment For RG174, RG179, RG316, RG188
SSMB Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG179, RG316, RG188
Configuration
Connector
SSMB Plug
Connector Interface Type
RG174,RG179,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.475 [12.07]
Width/Dia., in [mm]
0.188 [5]
Height, in [mm]
0.435 [11.05]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SSMB Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/ssmb-plug-standard-rg174-rg179-rg316-rg188-connector-pe4334-p.aspx
SSMB Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG179, RG316, RG188 from Pasternack Enterprises
has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection
of RF, microwave and fiber optic products.
PE4334
PE4334 REV


Similar Part No. - PE4334

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4334 PASTERNACK-PE4334 Datasheet
317Kb / 3P
SSMB Plug Right Angle Connector Crimp/Solder Attachment
PE4334 PASTERNACK-PE4334_16 Datasheet
317Kb / 3P
SSMB Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4334

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44308 PASTERNACK-PE44308 Datasheet
300Kb / 2P
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4898 PASTERNACK-PE4898 Datasheet
281Kb / 3P
MMCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44249 PASTERNACK-PE44249 Datasheet
271Kb / 2P
1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4017 PASTERNACK-PE4017 Datasheet
258Kb / 2P
SSMB Plug Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
PE4336 PASTERNACK-PE4336 Datasheet
217Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188, .126 inch D Hole
PE45162 PASTERNACK-PE45162 Datasheet
365Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com