Electronic Components Datasheet Search
  English  ▼

X  

PE4340 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4340
Description  SSMB Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4340 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4340 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4340 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMB Jack Connector Solder Attachment Thru Hole
PCB, .100 inch x .031 inch Hole Spacing
SSMB Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
Configuration
Connector
SSMB Jack
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.42 [10.67]
Width/Dia., in [mm]
0.155 [4]
Height, in [mm]
0.155 [3.94]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
SSMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/ssmb-jack-standard-thru-hole-pcb-connector-pe4340-p.aspx
SSMB Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE4340
PE4340 REV


Similar Part No. - PE4340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4340 PASTERNACK-PE4340 Datasheet
313Kb / 3P
SSMB Jack Connector Solder Attachment
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
526Kb / 11P
75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
529Kb / 11P
75 廓 RF Digital Attenuator
PE43404MLI PEREGRINE-PE43404MLI Datasheet
526Kb / 11P
75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
More results

Similar Description - PE4340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4175 PASTERNACK-PE4175 Datasheet
258Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4341 PASTERNACK-PE4341 Datasheet
241Kb / 2P
SSMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4905 PASTERNACK-PE4905 Datasheet
235Kb / 2P
MMCX Plug Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4174 PASTERNACK-PE4174 Datasheet
257Kb / 1P
SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x 067 inch Hole Spacing
PE4904 PASTERNACK-PE4904 Datasheet
228Kb / 3P
MMCX Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE44115 PASTERNACK-PE44115 Datasheet
213Kb / 2P
BNC Twinax Jack Connector Solder Attachment Thru Hole PCB, .687 inch x .500 inch Hole Spacing
PE44348 PASTERNACK-PE44348 Datasheet
227Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4555 PASTERNACK-PE4555 Datasheet
204Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE4903 PASTERNACK-PE4903 Datasheet
226Kb / 3P
MMCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com