Electronic Components Datasheet Search
  English  ▼

X  

PE44378 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44378
Description  SSMA Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44378 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44378 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44378 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44378 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SSMA Male Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188
SSMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SSMA Male
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.57 [14.48]
Width/Dia., in [mm]
0.25 [6]
Height, in [mm]
0.675 [17.15]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
SSMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SSMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316,
RG188 PE44378
PE44378
PE44378 REV


Similar Part No. - PE44378

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4437 PASTERNACK-PE4437 Datasheet
117Kb / 1P
N FEMALE CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44372 PASTERNACK-PE44372 Datasheet
595Kb / 3P
RP MCX Plug Right Angle Connector Crimp Solder Attachment For RG178, RG196
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
More results

Similar Description - PE44378

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4184 PASTERNACK-PE4184 Datasheet
90Kb / 1P
SSMA MALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4393 PASTERNACK-PE4393 Datasheet
300Kb / 2P
BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44403 PASTERNACK-PE44403 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE44504 PASTERNACK-PE44504 Datasheet
260Kb / 2P
QMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44401 PASTERNACK-PE44401 Datasheet
115Kb / 1P
SSMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG174 RG188 &RG316
PE4785 PASTERNACK-PE4785 Datasheet
0Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44379 PASTERNACK-PE44379 Datasheet
265Kb / 3P
SSMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4455 PASTERNACK-PE4455 Datasheet
213Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com