Electronic Components Datasheet Search
  English  ▼

X  

PE44379 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44379
Description  SSMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44379 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44379 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44379 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44379 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SSMA Male Connector Crimp/Solder Attachment
For RG174, RG316, RG188
SSMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SSMA Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.29:1
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.772 [19.61]
Width/Dia., in [mm]
0.25 [6]
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SSMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
1/4
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE44379
PE44379
PE44379 REV


Similar Part No. - PE44379

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4437 PASTERNACK-PE4437 Datasheet
117Kb / 1P
N FEMALE CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44372 PASTERNACK-PE44372 Datasheet
595Kb / 3P
RP MCX Plug Right Angle Connector Crimp Solder Attachment For RG178, RG196
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
More results

Similar Description - PE44379

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4184 PASTERNACK-PE4184 Datasheet
90Kb / 1P
SSMA MALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE44403 PASTERNACK-PE44403 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4933 PASTERNACK-PE4933 Datasheet
305Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4429 PASTERNACK-PE4429 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44401 PASTERNACK-PE44401 Datasheet
115Kb / 1P
SSMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG174 RG188 &RG316
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44378 PASTERNACK-PE44378 Datasheet
214Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com