Electronic Components Datasheet Search
  English  ▼

X  

PE44947 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44947
Description  SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44947 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44947 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44947 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44947 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Smooth Bore
Connector Interface Type
Surface Mount
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.195 in [4.95 mm]
Width/Dia.
0.19 in [4.83 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Kovar, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Kovar, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Glass
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Con-
tacts PE44947
PE44947
PE44947 REV 1.0
SMP Male Smooth Bore Connector Solder Attachment
Surface Mount PCB Pre-Tinned Contacts


Similar Part No. - PE44947

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4494 PASTERNACK-PE4494 Datasheet
117Kb / 1P
MHV MALE CLAMP ATTACHMENT FOR RG174 RG188 RG316
PE44940 PASTERNACK-PE44940 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Hex Body Non Captive Center Contact
PE44941 PASTERNACK-PE44941 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Non Captive Center Contact
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
More results

Similar Description - PE44947

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44489 PASTERNACK-PE44489 Datasheet
253Kb / 3P
Mini SMP Male Connector Solder Attachment Surface Mount PCB
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44944 PASTERNACK-PE44944 Datasheet
367Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Catchers Mitt Design with 2 Ground Posts
PE44956 PASTERNACK-PE44956 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal Catchers Mitt Design Pre-Tinned Pin
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44964 PASTERNACK-PE44964 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com