Electronic Components Datasheet Search
  English  ▼

X  

PE44948 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44948
Description  SMP Male Smooth Bore Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44948 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44948 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44948 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44948 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Smooth Bore
Connector Specification
MIL-STD-348
Connector Interface Type
None
Attachment Method (Shield/Contact)
None
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.4 in [10.16 mm]
Width/Dia.
0.165 in [4.19 mm]
Height
0.12 in [3.05 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS QQ-P-35
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Smooth Bore Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing PE44948
PE44948
PE44948 REV 1.0
SMP Male Smooth Bore Shroud 2 Hole Flange
Mount 0.282 Inch Hole Spacing


Similar Part No. - PE44948

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4494 PASTERNACK-PE4494 Datasheet
117Kb / 1P
MHV MALE CLAMP ATTACHMENT FOR RG174 RG188 RG316
PE44940 PASTERNACK-PE44940 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Hex Body Non Captive Center Contact
PE44941 PASTERNACK-PE44941 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Non Captive Center Contact
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
More results

Similar Description - PE44948

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91061 PASTERNACK-PE91061 Datasheet
460Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
logo
List of Unclassifed Man...
P673 ETC2-P673 Datasheet
68Kb / 1P
SMP SHROUD SMOOTH BORE STRAIGHT 2 HOLE FLANGE MOUNT
logo
Pasternack Enterprises,...
PE44907 PASTERNACK-PE44907 Datasheet
371Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44916 PASTERNACK-PE44916 Datasheet
371Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PE44938 PASTERNACK-PE44938 Datasheet
375Kb / 3P
SMP Male Connector Solder Attachment 2 Hole Flange Mount Pin Terminal 0.282 Inch Hole Spacing
PE44949 PASTERNACK-PE44949 Datasheet
370Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44954 PASTERNACK-PE44954 Datasheet
366Kb / 3P
SMP Male Smooth Bore Shroud Press-In Mount
PE44935 PASTERNACK-PE44935 Datasheet
372Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.354 Inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com