Electronic Components Datasheet Search
  English  ▼

X  

PE44949 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44949
Description  SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44949 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44949 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44949 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44949 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Limited Detent
Connector Specification
DESC 94007
Connector Interface Type
None
Attachment Method (Shield/Contact)
None
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.625 in [15.88 mm]
Width/Dia.
0.223 in [5.66 mm]
Height
0.12 in [3.05 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing PE44949
PE44949
PE44949 REV 1.0
SMP Male Limited Detent Shroud 2 Hole
Flange Mount 0.481 Inch Hole Spacing


Similar Part No. - PE44949

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4494 PASTERNACK-PE4494 Datasheet
117Kb / 1P
MHV MALE CLAMP ATTACHMENT FOR RG174 RG188 RG316
PE44940 PASTERNACK-PE44940 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Hex Body Non Captive Center Contact
PE44941 PASTERNACK-PE44941 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Non Captive Center Contact
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
More results

Similar Description - PE44949

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91066 PASTERNACK-PE91066 Datasheet
457Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Limited Detent
logo
List of Unclassifed Man...
P672 ETC2-P672 Datasheet
101Kb / 1P
SMP MALE LIMITED DETENT SHROUD 2 HOLE FLANGE PANEL MOUNT
logo
Pasternack Enterprises,...
PE44907 PASTERNACK-PE44907 Datasheet
371Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44916 PASTERNACK-PE44916 Datasheet
371Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PE44932 PASTERNACK-PE44932 Datasheet
365Kb / 2P
SMP Male Limited Detent Shroud Solder Mount Surface Mount
PE44948 PASTERNACK-PE44948 Datasheet
365Kb / 3P
SMP Male Smooth Bore Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44953 PASTERNACK-PE44953 Datasheet
368Kb / 2P
SMP Male Limited Detent Shroud Thread-In Mount
PE44935 PASTERNACK-PE44935 Datasheet
372Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.354 Inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com